Part Number Hot Search : 
8062M 1N4971C RCB0610 01320 RCB0610 KE200 ENA0125B L7809ABP
Product Description
Full Text Search
 

To Download MLV0805NA038V0100T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. aug.11 website: www.aemchina.com & www.aemcomponents.com  surface mount multilayer varistors product identification  mlv 0402 es 012v 0100 n t (1) (2) (3) (4) (5) (6) (7)  (1) series code: mlv C surface mount multilayer varistor mva -- mlv array mvf -- esd-emi filter (2) size code: standard eia chip size (3) application code: es C electro-static discharge protection na C normal surge protection ha C high surge protection l4 -- 4 lines (4) max. working voltage: 012v C12 v (5) capacitance for es series: 0100 C 100 pf 02r5 C 2.5 pf peak current for ha/na series: 0100 C 100 a (6) capacitance tolerance for es series: n C 30 % p C special (7) packaging code: t C tape & reel b C bulk term definition max. working voltage maximum steady-state dc operating voltage with typical leakage current less than 50  a at 25  c  varistor voltage ? bdv ? breakdown dc voltage measured at current of 1 ma max. clamping voltage maximum peak voltage across the part, measured at a specified pulse current and waveform surge current maximum peak current with the specified 8/20  s waveform without damage surge shift ? v/v the change of varistor voltage after applying the specified surge current energy absorption maximum energy dissipated with a specified 10/1000  s waveform without damage typical capacitance capacitance measured with voltage bias less than 0.5 v rms at 1 kh z or 1 mhz nonlinear exponent . . =  log ? v 1ma /v 0.1ma ? / log ? i v1ma /i v0.1ma ? leakage current typical leakage current at 25 c  50  a; maximum leakage 200  a. cut-off frequency the frequency of -3 db insertion loss terms and definitions  operating temperatures:  -55oc to +85oc for size 0603 or smaller -55oc to +125oc for size 0805 or larger 
 rev. aug.11 website: www.aemchina.com & www.aemcomponents.com  surface mount multilayer varistors shape and dimensions size l (mm) w (mm) t (mm) e (mm) 0402 1.00 0.10 0.50 0.10 0.50 0.10 0.25 0.10 0603 1.60 0.15 0.80 0.15 0.90 max. 0.30 0.10 0805 2.00 0.20 1.25 0.15 1.00 max. 0.30 0.10 1206 3.20 0.20 1.60 0.15 1.20 max. 0.50 0.20 1210 3.20 0.20 2.50 0.20 1.50 max. 0.50 0.20 1812 4.50 0.20 3.20 0.20 2.00 max. 0.60 0.20 2220 5.70 0.20 5.00 0.20 3.00 max. 0.60 0.20 0201 0.60 0.03 0.30 0.03 0.30 0.03 0.30 0.03 w l t e mlv series  esd array  size 0508 0612 t (mm) 0.80 max. 0.95 max. b (mm) 0.25 0.05 0.40 0.15 l (mm) 2.00 0.20 3.20 0.20 w (mm) 1.25 0.20 1.60 0.15 a (mm) 0.20 0.10 0.20 0.10 esd-emi series  size l (mm) w (mm) t (mm) e (mm) 0508 2.00 0.20 1.25 0.20 0.75 0.15 0.25 0.10 p (mm) 0.50 g (mm) 0.25 0.15
rev. aug.11 website: www.aemchina.com & www.aemcomponents.com  size  solder pad layout  a (mm)  c (mm)  d (mm)  0402 0.4~0.6 0.5~0.6 0.5~0.7 0603 0.9~1.2 0.6~1.0 0.8~1.2 0805 1.0~1.5 1.2~1.5 1.0~1.4 1206 1.8~2.5 1.2~1.8 1.0~1.4 1210 1.8~2.5 2.2~3.0 1.0~1.4 1812 2.5~3.3 2.8~3.6 1.2~1.8  2220 3.8~4.6 4.8~5.5 1.2~1.8  0201 0.25~0.35 0.20~0.30 0.25~0.35 recommended land patterns esd array series  size a (mm) b (mm) d (mm) f (mm) g (mm) 0508 2.10 0.40 2.50 0.50 0.35 0612 2.60 0.80 3.60 0.80 0.50 esd-emi series  size a (mm) b (mm) d (mm) f (mm) g (mm) 0508 2.00 0.60 2.50 0.50 0.25 c (mm) 0.25 e (mm) 1.60 mlv series 
 rev. aug.11 website: www.aemchina.com & www.aemcomponents.com  surface mount multilayer varistors environmental tests no. test requirement test condition test reference 1 soldering heat resistance bdv change ? f 10 % no mechanical damage one dip at 260oc for 5 sec. mil-std-202 method 210 iec 60068-2-20 2 solderability new solder coverage ? 80 % one dip at 255oc for 5 sec. non-active flux mil-std-202 method 208 iec 60068-2-20 3 maximum surge current bdv change ? f 10 % no mechanical damage 100 pulses of 8/20  s with maximum surge current and 30 sec. interval at 25oc and 30~65 % rh cecc 42000 iec 1051-1 test 4.5 4 maximum surge energy bdv change ? f 10 % no mechanical damage 100 pulses of 10/1000  s with maximum surge current and 90 sec. interval at 25oc and 30~65 % rh cecc 42000  5 thermal cycling bdv change ? f 10 % no mechanical damage leakage current ? 200  a 5 cycles between -40 v c and 125oc with 30 min. dwell time at the temperature extremes and 60 min. dwell time at 25 v c  cecc 42000 iec 60068-2-14 6 low temperature resistance bdv change ? f 10 % no mechanical damage leakage current ? 200  a 1000 hr at -50 v c  iec 60068-2-1 7 low temperature load resistance bdv change ? f 10 % no mechanical damage leakage current ? 200  a 1000 hr at -50 v c with working voltage applied iec 60068-2-1  8 high temperature resistance bdv change ? f 10 % no mechanical damage leakage current ? 200  a 1000 hr at 150 v c  mil-std-202 method 108 cecc 42000  9 high temperature load resistance bdv change ? f 10 % no mechanical damage leakage current ? 200  a 1000 hr at 85 v c with working voltage applied cecc 42000 10  humidity resistance  bdv change ? f 10 % no mechanical damage leakage current ? 200  a  500 hr at 40 v c and 90 ~ 95 % rh  mil-std-202 method 103 iec 60068-2-3 cecc 42000; 11  humidity load resistance  bdv change ? f 10% no mechanical damage leakage current ? 200  a  500 hr at 40 c and 90 ~ 95 % rh with working voltage applied  mil-std-202 method 103 iec 60068-2-3 cecc 42000 12  esd contact test *  varistor voltage change >115 % working voltage  contact electrostatic discharge 100 times with 1 second intervals at 8 kv (level 4 ) and polarity: +,-  iec 61000-4-2  13  esd air test *  varistor voltage change >115 % working voltage  air contact electrostatic discharge 100 times with 1 second intervals at  15 kv (level 4 ) and polarity:+,-  iec 61000-4-2   for es series only. 
rev. aug.11 website: www.aemchina.com & www.aemcomponents.com  soldering temperature profile recommended temperature profile for reflow soldering  surface mount multilayer varistors 245c 175c 10 seconds natural cooling preheat 60 120 seconds min. recommended conditions for hand soldering: 1. appropriate temperature (max.) of soldering iron tip/soldering time (max.): 280c /10 s or 350 c / 3 s 2. using hot air rework station with tip that can melt the solder on both terminations at the same time is strongly recommended. do not directly contact the chip termination with the tip of soldering iron.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: aem: ? mlv0603es005v0100nt? mlv0603na009v0030t? mlv0805na009v0080t? mlv1210na056v0250t? mlv0402es005v0100nt? mlv0805na014v0100t? mlv1206na014v0100t? mlv0603na006v0030t? mlv0805na026v0100t? mlv1206na030v0100t? mlv0402es005v0033nt? mlv0603es012v0056nt? mlv0402na014v0020t? mlv1206na038v0100t? mlv1210ha022v0400t? mlv1812ha030v0800t? mlv1206na018v0100t? mlv2220ha045v1200t? mlv0402na006v0020t? mlv2220ha030v1200t? mlv0402es012v0022nt? mlv2220ha038v1200t? mlv1206na065v0100t? mlv1206na056v0100t? mlv1206ha030v0200t? mlv2220na038v1000t? mlv1210ha014v0400t? mlv0603na018v0030t? mlv0603es024v02r5pt? mlv0402es012v0010nt? mlv0805na006v0080t? mlv2220ha018v1200t? mlv2220ha022v1200t? mlv1812na045v0500t? mlv1210na026v0250t? mlv0402es012v0100nt? mlv2220na018v1000t? mlv0402na009v0020t? mlv1206ha038v0200t? mlv1812na018v0500t? mlv0402es005v0022nt? mlv0402es005v0005pt? mlv0805na030v0100t? mlv0805na018v0100t? mlv1206ha014v0200t? mlv0402es012v0033nt? mlv1206ha018v0200t? mlv0603es005v0033nt? mlv1206ha026v0200t? mlv0603es012v0005pt? mlv0402es012v0056nt? mlv1210na085v0200t? mlv1206na022v0100t? mlv1206na026v0100t? mlv0402es012v0005pt? mlv0402es005v0056nt? mlv1210na045v0250t? mlv0603es005v0022nt? mlv0603es012v0100nt? mlv2220ha014v1200t? mlv0603es012v0033nt? mlv1812ha018v0800t? mlv0402es005v0010nt? mlv1210ha026v0400t? MLV0805NA038V0100T? mlv1210ha038v0400t? mlv0402es024v02r5pt? mlv0603es005v0056nt? mlv1210ha030v0400t? mlv1210na018v0250t? mlv0603es012v0022nt? mlv0603es005v0005pt? mlv1210ha018v0400t? mlv1812ha038v0800t? mlv0603na014v0030t? mlv0603es005v0010nt? mlv0603es012v0010nt? mlv1206na045v0100t? mlv0402es006v00r2pt? mlv0402es024v00r1pt? mlv0402es024v00r8pt? mlv0603es006v00r2pt? mlv0603es024v00r1pt? mlv0603es024v00r8pt


▲Up To Search▲   

 
Price & Availability of MLV0805NA038V0100T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X